Part Number Hot Search : 
HMC221 MP1580 2SA153 C5032 KBPC2501 48D12 216010 1N4549
Product Description
Full Text Search
 

To Download 1SMB5953A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1SMB5913A - 1SMB5957A
VZ : 3.3 - 240 Volts PD : 1.5 Watts
FEATURES :
* Complete Voltage Range 3.3 to 200 Volts * High peak reverse power dissipation * High reliability * Low leakage current
SILICON ZENER DIODES
SMB (DO-214AA)
4.8 0 . 1 5
5.4 0.15
1.1 0.3
2.0 0.1 3.6 0.15 2.3 0.2
0.22 0.07
MECHANICAL DATA
* Case : SMB (DO-214AA) Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Lead formed for Surface mount * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.093 gram
Dimensions in millimeter
MAXIMUM RATINGS
Rating at 25 C ambient temperature unless otherwise specified
Rating
DC Power Dissipation at TL = 75 C (Note1) Maximum Forward Voltage at IF = 200 mA Junction Temperature Range Storage Temperature Range
Note : 2 (1) TL = Lead temperature at 5.0 mm ( 0.013 mm thick ) copper land areas.
Symbol
PD VF TJ Ts
Value
1.5 1.5 - 55 to + 150 - 55 to + 150
Unit
Watts Volts C C
Fig. 1 POWER TEMPERATURE DERATING CURVE PD, MAXIMUM DISSIPATION (WATTS) 1.5 1.2 0.9 0.6 0.3 0
5.0 mm ( 0.013 mm thick ) copper land areas.
2
25
50
75
100
125
150
175
TL, LEAD TEMPERATURE (C)
UPDATE : SEPTEMBER 9, 2000
ELECTRICAL CHARACTERISTICS
Rating at = 25
C ambient temperature unless otherwise specified
Nominal Zener Voltage V Z @ I ZT IZT (V) (mA) 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 240 113.6 104.2 96.1 87.2 79.8 73.5 66.9 60.5 55.1 50.0 45.7 41.2 37.5 34.1 31.2 28.8 25.0 23.4 20.8 18.7 17.0 15.6 13.9 12.5 11.4 10.4 9.6 8.7 8.0 7.3 6.7 6.0 5.5 5.0 4.6 4.1 3.7 3.4 3.1 2.9 2.5 2.3 2.1 1.9 1.5 Maximum Zener Impedance Z ZK @ I ZK ( ) 500 500 500 500 500 500 250 200 200 400 400 500 500 550 550 550 600 600 650 650 650 700 700 750 800 850 900 950 1000 1100 1300 1500 1700 2000 2500 3000 3100 4000 4500 5000 6000 6500 7000 8000 9000 Maximum Reverse Leakage Current IR @ V R (V) (A) 100 75 25 5.0 5.0 5.0 5.0 5.0 50 50 50 50 50 50 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.5 2.0 3.0 4.0 5.2 6.0 6.5 7.0 8.0 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56.0 62.2 69.2 76.0 83.6 91.2 98.8 114.0 121.6 136.8 152.0 182.4 Maximum DC Zener Current IZM (mA) 454 416 384 348 319 294 267 241 220 200 182 164 150 136 125 115 100 93 83 75 68 62 55 50 45 41 38 34 31 29 26 24 22 20 18 16 15 13 12 11 10 9.0 8.0 7.0 6.0
TYPE
Z ZT @ I ZT ( ) 10 9.0 7.5 6.0 5.0 4.0 2.0 2.0 2.5 3.0 3.5 4.0 4.5 5.5 6.5 7.0 9.0 10 12 14 17.5 19 23 26 33 38 45 53 67 70 86 100 120 140 160 200 250 300 380 450 600 700 900 1200 1600
IZK (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
1SMB5913A 1SMB5914A 1SMB5915A 1SMB5916A 1SMB5917A 1SMB5918A 1SMB5919A 1SMB5920A 1SMB5921A 1SMB5922A 1SMB5923A 1SMB5924A 1SMB5925A 1SMB5926A 1SMB5927A 1SMB5928A 1SMB5929A 1SMB5930A 1SMB5931A 1SMB5932A 1SMB5933A 1SMB5934A 1SMB5935A 1SMB5936A 1SMB5937A 1SMB5938A 1SMB5939A 1SMB5940A 1SMB5941A 1SMB5942A 1SMB5943A 1SMB5944A 1SMB5945A 1SMB5946A 1SMB5947A 1SMB5948A 1SMB5949A 1SMB5950A 1SMB5951A 1SMB5952A 1SMB5953A 1SMB5954A 1SMB5955A 1SMB5956A 1SMB5957A
Note : ( 1 ) Suffix " A " indicates 10% tolerance, suffix " B " indicates 5.0% tolerance.
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 1SMB5953A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X